Part Number Hot Search : 
SP574BJ LF353DR SH8M41 78L12 MN6500JS MN6500JS MAX9762 Z5221B
Product Description
Full Text Search
 

To Download AVC162XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet: safety isolating transformers type avc -------------------------------- -------------------------------- -------------------------------- ------------------------------ description ........................... : safety isolating transformer constructed and tested according to vde 0570/en 61 558, ul 506, csa 22.2 approvals ............................. : according to table test voltage .......................... pri - sec 5000 v, 50 hz short-circuit protection ........ : non-short-circuit proof construction ......................... : open design, potted in insulation housing safety class .......................... : prepared for class ii equipment protection index ................... : connections ip 00 housing ip 65 max ambient temperature .... : according to tabl e insulation class of the insulation system .................. : vde (b= 130c) ; ul+csa class 105 (a=105c) input voltage ......................... : 2 x 115v frequency ............................. : 50 - 60 hz output voltage ...................... : according to table connections .......................... : soldering pins for printed circuit board mounting packing ................................ . : s eparately packed in cartons schematic plan : transformer specification updated 07/2001 block transformatoren elektronik gmbh & co. kg, 27283 verden, germany pdf created with fineprint pdffactory trial version http://www.fineprint.com
------------- these avc type resin moulded safety isolating transformers, are non-short-circuit proof transformers for pcb mounting. the dual input and output windings are for series or parallel connection. note : * vacuum epoxy resin moulded (self-extinguishing to ul 94 v0) * 100% tested * two chamber bobbin construction output power 3,2 va core-type ei 38/13,5 height 28,1 mm weight 150g ground area 41 mm x 35 mm ------------------------------------------- type sec rated output- voltage curr ent v a approvals ................................ ....................... avc 3,2/2/6 2x6 2x0,266 1 ................................ ................................ ............. avc 3,2/2/8 2x8 2x0,20 1 ................................ ................................ ............. avc 3,2/2/9 2x9 2x0,177 1 ................................ ................................ ............. avc 3,2/2/12 2x12 2x0,133 1 ................................ ................................ ............. avc 3,2/2/15 2x15 2x0,106 1 ................................ ................................ ............. avc 3,2/2/18* 2x18 2x0,088 1 ................................ ................................ ............. avc 3,2/2/24* 2x24 2x0,066 1 ................................ ................................ ............. a ccording to vde 0570/en 61 558 -1 : 1997 with part 2-6 *according to vde 0570/en 61 558 -1 : 1997 with part 2-1 pinning: input:2 x 115v ... (1-2) and (4-5) output ................ (10-9) and (7-6) pin 8 fitted but not connected. no load output voltage x factor = typ. 1 ,5 core losses typ. 0,8 w efficiency typ. 60 % ambient temperature (ta) +60c approvals (1) transformer specification updated 07/2001 block transformatoren elektronik gmbh & co. kg, 27283 verden, germany pdf created with fineprint pdffactory trial version http://www.fineprint.com
height 33 mm weight 190g ground area 44 mm x 37 mm ------------------------------------------- type sec rated output- voltage current v a approvals ................................ ....................... avc 5,0/2/6 2x6 2x0,416 1 ................................ ................................ ............. avc 5,0/2/8 2x8 2x0,312 1 ................................ ................................ ............. avc 5,0/2/9 2x9 2x0,277 1 ................................ ................................ ............. avc 5,0/2/12 2x12 2x0,208 1 ................................ ................................ ............. avc 5,0/2/15 2x15 2x0,166 1 ................................ ................................ ............. avc 5,0/2/18 2x18 2x0,138 1 ................................ ................................ ............. avc 5,0/2/24* 2x24 2x0,104 1 ................................ ................................ ............. according to vde 0570/en 61 558 -1 : 1997 with part 2-6 *accordin g to vde 0570/en 61 558 -1 : 1997 with part 2-1 pinning: input:2 x 115v ... (1-a) and (b-5) output ................ (10-9) and (7-6). no load output voltage x factor = typ. 1,25 core losses typ. 1,2 w efficiency typ. 68 % ambient temperature (ta) +50c approvals (1) transformer specification updated 07/2001 block transformatoren elektronik gmbh & co. kg, 27283 verden, germany pdf created with fineprint pdffactory trial version http://www.fineprint.com
height 34,6 mm weight 280g ground area 51 mm x 43 mm ------------------------------------------- type sec rated output- voltage current v a approvals ................................ ....................... avc 10/2/6 2x6 2x0,833 1 ................................ ................................ ............. avc 10/2/8 2x8 2x0,625 1 ................................ ................................ ............. avc 10/2/9 2x9 2x0,555 1 ................................ ................................ ............. avc 10/2/12 2x12 2x0, 416 1 ................................ ................................ ............. avc 10/2/15 2x15 2x0,333 1 ................................ ................................ ............. avc 10/2/18 2x18 2x0,277 1 ................................ ................................ ............. avc 10/2/24* 2x24 2x0,208 1 ................................ ................................ ............. according to vde 0570/en 61 558 -1 : 1997 with part 2-6 *according to vde 0570/en 61 558 -1 : 1997 with part 2-1 pinning: input:2 x 115v ... (1-3) and (4-6) output ................ (12-11) and (8-7). no load output voltage x factor = typ. 1,22 core losses typ. 1,3 w efficiency typ. 74 % ambient temperature (ta) +40c approvals (1) transformer specification updated 07/2001 block transformatoren elektronik gmbh & co. kg, 27283 verden, germany pdf created with fineprint pdffactory trial version http://www.fineprint.com
height 39 mm weight 420g ground area 57 mm x 48 mm ------------------------------------------- type sec rat ed output- voltage current v a approvals ................................ ....................... avc 16/2/6 2x6 2x1,33 1 ................................ ................................ ............. avc 16/2/8 2x8 2x1,00 1 ................................ ................................ ............. avc 16/2/9 2x9 2x0,88 1 ................................ ................................ ............. avc 16/2/12 2x12 2x0,66 1 ................................ ................................ ............. avc 16/2/15 2x15 2x0,53 1 ................................ ................................ ............. avc 16/2/18 2x18 2x0,44 1 ................................ ................................ ............. avc 16/2/24* 2x24 2x0,33 1 ................................ ................................ ............. according to vde 0570/en 61 558 -1 : 1997 with part 2-6 *according to vde 0570/en 61 558 -1 : 1997 with part 2-1 pinning: input:2 x 115v ... (1-3) and (5-7) output ................ (9-8) and (14-13). no load output voltage x factor = typ. 1,25 core losses typ. 1,25 w efficiency typ. 76 % ambient temperature (ta) +40c approvals (1) transformer specification updated 07/2001 block transformatoren elektronik gmbh & co. kg, 27283 verden, germany pdf created with fineprint pdffactory trial version http://www.fineprint.com


▲Up To Search▲   

 
Price & Availability of AVC162XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X